PART |
Description |
Maker |
1477A-12-5 1477A-112-5 1477C-112-5 1475G-181-5 147 |
BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
1447C-10-5 1446A-32-5 1446A-35-5 1485A-51-5 1465G- |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
HR25-9J-20PC |
20 CONTACT(S), BRASS AND ZINC ALLOY, MALE, CIRCULAR CONNECTOR, CRIMP, JACK
|
|
HR11-9BPB-6P |
6 CONTACT(S), BRASS/ZINC ALLOY, MALE, CIRCULAR CONNECTOR, SOLDER, PLUG
|
Amphenol, Corp.
|
6859 |
XLR Style Audio Connector; No. of Contacts:3; Gender:Female-Female Adapter; Body Material:Zinc Alloy; Contact Material:Zinc; Contact Plating:Nickel; Series:XLR RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
08-35-0105 |
156 KK Term RA Chain Brass 10Ckt 0.8 mm2, BRASS, GOLD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
0480061111 SD-48006-002 48006-1111 |
1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing, Brass Terminals, Single Key, with Beveled MOLEX Connector
|
Molex Electronics Ltd.
|
XC95288XV DS050 XC95288XV-7TQ144I XC95288XV-10CS28 |
High-Performance CPLD From old datasheet system Advance Product Specification D-Subminiature Connector; Gender:Female; No. of Contacts:15; Contact Termination:Through Hole; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash; Mounting Type:Through Hole RoHS Compliant: Yes D-Subminiature Connector; Gender:Male; No. of Contacts:15; Contact Termination:Crimp; D Sub Shell Size:DB15; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes LJT 10C 10#20 PIN PLUG DSUB 15 M SOD FLOA G Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No RoHS Compliant: No DSUB B/S DB 90DEG METAL 1 FLASH PLD, 10 ns, PQFP144 DSUB B/S DB STRT METAL 1 FLASH PLD, 10 ns, PQFP208 Plastic Connector Backshell; Enclosure Material:Steel; Enclosure Color:Yellow; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FLASH PLD, 10 ns, PQFP208
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
2005C-2 2065D-3 2005C-00 2020D-7 2005B-4 2022A-3 2 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
4448B-3 4448B-32 4471D-45 4471A-95 4441C-14 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
4401B-45 4401A-55 4401C-11 4401C-112 4437C-14 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
4444B-10 4475B-1 4455A-4 4475A-4 WINCHESTERELECTRO |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
|